PART |
Description |
Maker |
BC550C BC549B BC549B-D BC549C BC550B |
TRANSISTOR|BJT|NPN|45VV(BR)CEO|100MAI(C)|TO-92
Low Noise Transistors NPN Silicon(硅NPN低噪声晶体管) 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Low Noise Transistor NPN Silicon(30V硅NPN低噪声晶体管) 低噪声晶体管NPN硅(30V的硅npn型低噪声晶体管)
|
ON Semiconductor http://
|
2SD773 2SD773U4 2SD773-L2-AZ |
2000 mA, 16 V, NPN, Si, SMALL SIGNAL TRANSISTOR TRANSISTOR | BJT | NPN | 16V V(BR)CEO | 2A I(C) | TO-221VAR NPN SILICON TRANSISTOR From old datasheet system
|
NEC Corp. NEC[NEC]
|
2SC4900 |
Silicon NPN Transistor Silicon NPN Epitaxial UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
2SD1692 2SD1692L 2SD1692K |
NPN SILICON DARLINGTON TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTOR Low-Power, Single/Dual-Level Battery Monitors with Hysteresis TRANSISTOR | BJT | DARLINGTON | NPN | 100V V(BR)CEO | 3A I(C) | TO-126 晶体管|晶体管|达林顿|叩| 100V的五(巴西)总裁| 3A条一(c)|26
|
NEC Corp. NEC, Corp.
|
2SD2017 |
Silicon NPN Triple Diffused Planar Transistor(Darlington)(硅NPN三倍扩散平面达林顿晶体 6 A, 250 V, NPN, Si, POWER TRANSISTOR Silicon NPN Triple Diffused Planar Transistor(Driver for Solenoid, Relay and Motor and General Purpose)
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
FZT1047A |
NPN Low Sat Transistor NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR SOT223 NPN SILICON PLANAR
|
Zetex Semiconductors Diodes Incorporated
|
CMLM2205 |
MULTI DISCRETE MODULESURFACE MOUNT SILICON SWITCHING NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE 600 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp.
|
FMMTL618 FMMTL618TA FMMTL618-15 |
NPN Low Sat Transistor SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR 1250 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Diodes Incorporated ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
BC337BU BC33725TAR BC33740TANL BC33716TAR BC33716T |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 800 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 1000 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor 800 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 1000 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Zetex Semiconductor PLC Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
BC639L34Z BC639D74Z |
NPN Epitaxial Silicon Transistor 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
BFP620E7764 |
RF-Bipolar - NPN Silicon Germanium RF Transistor, high gain low noise RF transistor in SOT343 Package C BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR
|
Infineon Technologies AG
|
|